PART |
Description |
Maker |
AV065-20 AF083L1-15 AF083L2-20 AF075-10 AF067K-30 |
CONTINUOUSLY VARIABLE ATTENUATORS
|
Advanced Technical Materials Inc. http://
|
3100-127 |
Precision Continuously Variable Attenuator
|
Weinschel Corp.
|
MC3418 |
Continuously Variable Slope Delta Modulator
|
Motorola
|
HC3-55564-5 HC9P55564-5 HC1-55564-2 HC1-55564-5 HC |
Continuously Variable Slope Delta-Modulator (CVSD)
|
HARRIS[Harris Corporation] INTERSIL[Intersil Corporation]
|
FX-309 FX309 |
CONTINUOUSLY VARIABLE SLOPE DELTA MODULATION CVSD Modulation Codec
|
ETC[ETC] CONSUMER MICROCIRCUITS LIMITED
|
1503 1503J 1503-100A 1503-100B 1503-100C 1503-120B |
Max delay 35 ns, Mechanically variable delay line Max delay 250 ns, Mechanically variable delay line Max delay 150 ns, Mechanically variable delay line Max delay 130 ns, Mechanically variable delay line Max delay 80 ns, Mechanically variable delay line Max delay 60 ns, Mechanically variable delay line Max delay 50 ns, Mechanically variable delay line Max delay 40 ns, Mechanically variable delay line Max delay 30 ns, Mechanically variable delay line Max delay 25 ns, Mechanically variable delay line Max delay 20 ns, Mechanically variable delay line Max delay 200 ns, Mechanically variable delay line Max delay 160 ns, Mechanically variable delay line Max delay 15 ns, Mechanically variable delay line Max delay 140 ns, Mechanically variable delay line Max delay 120 ns, Mechanically variable delay line Max delay 100 ns, Mechanically variable delay line Mechanically variable passive delay line
|
Data Delay Devices Inc
|
MM-1477-60 |
The MM-1477-60 filter is designed for use with large computer or motor installations where heavy current is drawn continuously
|
JMK Inc.
|
142-06J08SL 144-06J12L 143-16J12SL 142-06J08L 143- |
RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.22 uH - 0.248 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, RoHS UNSHIELDED, 0.193 uH - 0.306 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.638 uH - 0.801 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, RoHS UNSHIELDED, 0.275 uH - 0.355 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.315 uH - 0.423 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.115 uH - 0.121 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.382 uH - 0.422 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, RoHS UNSHIELDED, 0.391 uH - 0.493 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.355 uH - 0.477 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.693 uH - 0.846 uH, VARIABLE INDUCTOR
|
Coilcraft, Inc. COILCRAFT INC
|
F292CNS-T1063Z 292CNS-T1040Z 292CNS-T1041Z 292CNS- |
Variable Coils UNSHIELDED, VARIABLE INDUCTOR
|
TOKO, Inc. TOKO[TOKO, Inc] TOKO Inc.
|
F600BNS-8031Z F600GNS-8065Z F600BNS-8032Z F600BNS- |
Variable Coils UNSHIELDED, VARIABLE INDUCTOR
|
TOKO Inc. TOKO, Inc.
|
MA840 MA2C840 |
Variable Capacitance Diodes VHF-UHF BAND, 13.25 pF, 32 V, SILICON, VARIABLE CAPACITANCE DIODE, DO-34
|
PANASONIC CORP Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
|